Part Number Hot Search : 
MC74ACT TEF6730A 883409 2N2195B WH045200 03203 PR1MEG D22012P
Product Description
Full Text Search
 

To Download D1N5817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS
1N5817 THRU 1N5819
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
FEATURES
. Plastic package has Underwriters Laboratory Flammability Classification 94-0 . Metal sliicon junction ,majority carriet conduction . Guard ring for overcoltage protection . Low power loss,high efficiency . High current capability ,Low forward voltage drop . High surge capability . For use in low voltage ,high frequency inverters, free wheeling , and polarilty protection applications . High temperature soldering guaranteed: 250 . 375"(9.5mm)lead length,5lbs.(2.3kg)tension /10 seconds at terminals,
MECHANICAL DATA
. Case: JEDEC MELG DO-41 molded plastic body . Terminals: Plated axial leads,solderable per MIL-STD-750,method 2026 . Polarity: color band denotes cathode end . Mounting Position: Any . Weight: 0.012 ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherwise specified,Single phase,half wave,resistive or inductive) load. For capacitive load,derate by 20%)
Symbols
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum non-repetitive peak reverse voltage Macimum average forward rectified current 0.375"(9.5mm)lead length at TL=90 Peak forward surge current 8.3ms singel half sine-wave superimposed on rated load (JEDEC method) at TL=70 ) VF VF IR IFSM VRRM VRMS VDC VRSM I(AV)
1N5817
20 14 20 24
1N5818
30 21 30 36 1.0
1N5819
40 28 40 48
Units
Volts Volts Volts Volts Amp
25.0
Amps
Maximum instantaneous forward voltage at 1.0 A(Note 1) Maximum instantaneous forward voltage at 3.1 A(Note 1) Maximum instantaneous reverse current at rated DC blocking voltage(Note 1) Typeical junction capacitance(Note 3) Typeical thermal resistance (Note 2) TA=25 TA=100
0.450 0.750
0.550 0.875 0.5
0.600 0.900
Volts Volts mA
10.0 CJ 110.0
JA JL
pF /W
R R
50.0 15.0 -65 to +125
Operating junction and storage temperature range
TJ/TSTG
Notes: 1. Pulse test: 300
s
pulse width,1% duty cycle
2.Thermal resistance (from junction to ambient)Vertical P.C.B. Mounted, with 1.5X1.5"(38X38mm)copper pads 3.Measured at 1.0MHz and reverse voltage of 4.0 volts
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
1N5817 THRU 1N5819
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
RATINGS AND CHARACTERISTIC CURVES 1N5817 THRU 1N5819
FIG.2-MAXIMUM NON-REPETITIVE PEAK FLG.1-FORWARD CURRENT DERATING CURVE FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of D1N5817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X